Part Number Hot Search : 
13N50 CPX2408T 1600T3 D2FS6 NTE867 ML4805IP C114T M68719
Product Description
Full Text Search
 

To Download 15KE350 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
TVS 1.5KE SERIES
GPP TRANSIENT VOLTAGE SUPPRESSOR
1500 WATT PEAK POWER 5.0 WATT STEADY STATE
FEATURES
* * * * * * Plastic package has underwriters laboratory Glass passivated chip construction 1500 watt surage capability at 1ms Excellent clamping capability Low zener impedance Fast response time
1.5KE
Ratings at 25 o C ambient temperature unless otherwise specified.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load, For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix for types 1.5KE 6.8 thru 1.5KE 400 Electrical characteristics apply in both direction
MAXIMUM RATINGS (At TA = 25 C unless otherwise noted) RATINGS Peak Power Dissipation at TA = 25 oC, TP = 1mS ( Note 1 ) Steady State Power Dissipation at TL = 75 oC lead lengths, .375" ( 9.5 mm ) ( Note 2 ) Peak Forward Surge Current, 8.3ms single half sine wavesuperimposed on rated load( JEDEC METHOD ) unidirectional only Maximum Instantaneous Forward Current at 50.0A for unidirectional only ( Note 3 ) Operating and Storage Temperature Range
o o
SYMBOL PPPM PM(AV)
VALUE Minimum 1500 5.0
UNITS Watts Watts
IFSM
200
Amps
VF TJ, TSTG
3.5/5.0 -55 to + 175
Volts
0
C 1998-8
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25 C per Fig.2. 2. Mounted on copper pad area of 0.8X0.8" ( 20X20mm ) per Fig.5. 3. VF = 3.5V for devices of V(BR) < 200V and VF = 5.0 Volts max.for devices of V(BR) > 200V.
Back
RECTRON
RECTRON
RECTRON
RECTRON


▲Up To Search▲   

 
Price & Availability of 15KE350

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X